Part Number Hot Search : 
444HFN2 CGD914MI 2SK1277 04030 PQ12RA11 C3506 04030 XC9536XL
Product Description
Full Text Search
 

To Download IP1622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC DESCRIPTION
The IP1620 is an integrated circuit that has triple LDO regulators and one reset circuit. All the LDO regulators have their own internal npn power transistors and their nominal output voltages are 1.65V and 3.4V, respectively. The reset circuit monitors the status of the regulator input voltage and outputs the RESET signal. RESET becomes high after the delay time that is determined by the external capacitor at Td pin. The delay time begins to start after the input voltage reaches above 4.2V.
14SOPH-8L
FEATURES
- 1-Fixed 3.4V LDO regulator with internal NPN TR. - 1-Fixed 1.65V LDO regulator with internal NPN TR. - Typical reset detection voltage of 4.2V. - Built-in TSD circuit. - Built-in current limit circuit. - Built-in over voltage protection circuit. - Output trimmed to +/-3% tolerance.
ORDERING INFORMATION
Device IP1622 Package 14SOPH-8L Operating Temp -35OC ~ +85OC
BLOCK DIAGRAM
April.2003 (Rev.1)
www.interpionsemi.com
-1-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC PIN CONNECTIONS
PIN DESCRIPTIONS
NO 1 2 3 4 5 6 7 8 SYMBOL Vin Vdet Vout1 RESET Vout2 N/C Cd PGND I/O I I O O O O DESCRIPTION Input Supply Voltage Detection voltage input Regulator1 1.65V Output RESET output pin Regulator2 3.4V Output NO CONNECTION Delay time capacitor pin Power Ground
April.2003 (Rev.1)
www.interpionsemi.com
-2-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC ABSOLUTE MAXIMUM RATINGS(TA=25OC)
CHARACTERISTICS Maximum supply voltage Input voltage Power dissipation Operating temperature Storage temperature Maximum output limit current SYMBOL Vccmax Vinmax Pd Topr Tstr Io_limit VALUE 10 10 3.0* -35 ~ +85 -55 ~ +150 900 UNIT V V W
O
C C
O
mA
Note> 1. When mounted on 100mm X 100mm X 1mm PCB (Phenolic resin material). 2. Power dissipation reduces 24mW/OC for using above Ta=25OC 3. Do not exceed Pd and SOA.
POWER DISSIPATION CURVE
4 Power Dissipation (W) 3 2 SOA 1
0
25
50
75
100
125
150
175
Ambient Temperature (C)
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTICS Supply voltage SYMBOL VIN VALUE 4.5 ~ 6.0 UNIT V
April.2003 (Rev.1)
www.interpionsemi.com
-3-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC ELECTRICAL CHARACTERISTICS
( Vin= 5V, Co=10uF, Ta = 25OC, unless otherwise specified.) Characteristics Quiescent current OVP Dectecting Voltage Symbol Icc Vovp Condition Vcc=5V, No-Load Vcc=Variable Min. 6.5 Typ. 9 7.5 Max. 15 Units mA V
LDO REGULATOR 1 (1.65V FIXED TYPE)
Output Voltage Line Regulation Load Regulation Dropout voltage Ripple rejection*Note1 Current limit *Note2 Temperature stability*Note1 Noise Voltage Vout1 dVline1 dVload 1 Vdrop1 RR1 Ilimit1 Temp1 Vn1 Io=10mA Vin=4.5~6V, Io=10mA Ta=25OC Vin=5V, 10mA < Io < 500mA Io=500mA F=120Hz, Co=10uF Tantalum Vin-Vout=3V, Io=250mA Vin=5V f=10Hz~10kHz Io=250mA 1.6 60 500 1.65 0.035 0.4 2.5 70 0.5 100 1.7 0.2 1 2.8 V % % V dB mA % uVrms
LDO REGULATOR 2 (3.4V FIXED TYPE)
Output Voltage Line Regulation Load Regulation Dropout voltage Ripple rejection*Note1 Current limit *Note2 Temperature stability*Note1 Noise Voltage Vout2 dVline2 dVload 2 Vdrop2 RR2 Ilimit2 Temp2 Vn2 Io=10mA Vin=4.5~6V, Io=10mA Ta=25OC Vin=5V, 10mA < Io < 300mA Io=300mA F=120Hz, Co=10uF Tantalum Vin-Vout=2V, Io=150mA Vin=5V f=10Hz~10kHz Io=120mA 3.3 60 300 3.4 0.035 0.4 0.9 70 0.5 100 3.5 0.2 1 1.2 V % % V dB mA % uVrms
April.2003 (Rev.1)
www.interpionsemi.com
-4-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC ELECTRICAL CHARACTERISTICS
( Vin= 5V, Co=10uF, Ta = 25OC, unless otherwise specified.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
RESET PART
Detection voltage Td threshold voltage Hysteresis voltage Detection reference voltage temperature coeffcient *Note1 Reset output current High level output voltage Low level output voltage "H" transport delay time "L" transport delay time Vd Vtd Vhys TCVd IRESET Voh Vol tdLH tdHL Vin=L/H/L RL=4.7K, Vtd=variable RL=4.7K, Vin=L/H/L Ta= -20OC ~ +85OC Vd=0V, VRESET=0.4V RL=4.7K RL=4.7K RL=4.7K, Cd=0.22uF RL=4.7K, Cd=0.22uF 4.0 1.5 0.2 3 3.8 4.2 1.65 0.6 0.01 4.5 0.1 40 50 4.4 1.8 0.9 4.8 0.4 V V V %/OC mA V V ms us
* Note1 These parameters are guaranteed, but not 100% tested in mass production. * Note2 Don't exceed the specified current limit in each output voltage.
April.2003 (Rev.1)
www.interpionsemi.com
-5-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC TYPICAL APPLICATION CIRCUIT
April.2003 (Rev.1)
www.interpionsemi.com
-6-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC TIMING CHART FOR RESET CIRCUIT
April.2003 (Rev.1)
www.interpionsemi.com
-7-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
INTERNAL CIRCUIT
Pin no Pin name Internal circuit
4
RESET
3,5
Regulator Output1,2
April.2003 (Rev.1)
www.interpionsemi.com
-8-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
ELECTRICAL CHARACTERISTICS CURVES
QUIESCENT CURRENT
10
8
Icc (mA)
6
4
2
0 0 2 4 6 8 10
Vcc (V)
VREF TEMPERTURE STABILITY
1.67
1.66
VREF (V)
1.65
1.64
1.63
1.62 -50
0
50
100
o
150
Temp ( C)
April.2003 (Rev.1)
www.interpionsemi.com
-9-
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
ELECTRICAL CHARACTERISTICS CURVES (Continued)
VOUT1 Load Regulation (Tj=25 C)
1.70
o
Output Voltage (V)
1.65
1.60
1.55
1.50 0 200 400 600 800 1000
Output Current (mA)
VOUT2 Load Regulation (Tj=25 C)
3.45
o
Output Voltage (V)
3.40
3.35
3.30
3.25 0 200 400 600
Output Current (m A)
April.2003 (Rev.1)
www.interpionsemi.com
- 10 -
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
ELECTRICAL CHARACTERISTICS CURVES (Continued)
VOUT1 Load Transient Response
200
Output Voltage Deviation (mV)
100 Io=50mA 0 Io=500mA -100
-200 0 20 40 60 80
Time (usec)
VOUT2 Load Transient Response
200
Output Voltage Deviation (mV)
100 Io=50mA 0 Io=300mA -100
-200
-300 0 20 40 60 80
Time (usec)
April.2003 (Rev.1)
www.interpionsemi.com
- 11 -
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
ELECTRICAL CHARACTERISTICS CURVES (Continued)
Dropout Voltage (Vout2=3.4V)
1.1
Dropout Voltage (V)
1.0
0.9
0.8
0.7
0.6 0 100 200 300 400 500
Output Current (mA)
Detection Voltage vs. RESETB Voltage
5
4
VRESETB (V)
3
2
1
0 0 1 2 3 4 5
Detection Voltage (V)
April.2003 (Rev.1)
www.interpionsemi.com
- 12 -
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
ELECTRICAL CHARACTERISTICS CURVES (Continued)
RESETB High Level Output Voltage
5.0
4.5
VRESETB (V)
4.0
3.5
3.0 0 10 20 30 40
Isource (uA)
RESETB Low Level Output Voltage
0.4
0.3
VRESETB (V)
0.2
0.1
0.0 0 2 4 6 8 10
Isink (m A)
April.2003 (Rev.1)
www.interpionsemi.com
- 13 -
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC
ELECTRICAL CHARACTERISTICS CURVES (Continued)
TD Voltage vs. RESETB Voltage
5
4
VRESETB (V)
3
2
1
0 0.0
0.5
1.0
1.5
2.0
TD Voltage (V)
R ESET IC Tim ing C hart
6 RESETB 5 4 VDET
Voltage (V)
3 TD 2 1 0 0 25 50 75 100 125 150 175 200
T im e (m sec)
April.2003 (Rev.1)
www.interpionsemi.com
- 14 -
IP1622
DUAL OUTPUT VOLTAGE LDO REGULATOR + RESET IC PACKAGE DIMENSION
14SOPH-8L
MIN0.05 1.55 0.10
(0.061 0.004)
(MIN0.002)
#1
6.00 0.30
(0.236 0.012)
1.80MAX
(0.071MAX)
3.95 0.2
(0.156 0.008)
5.72 0.60 0.20
(0.024 0.008)
(0.225)
0~8
April.2003 (Rev.1)
www.interpionsemi.com
- 15 -


▲Up To Search▲   

 
Price & Availability of IP1622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X